Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
63
3D STEREO ENHANCEMENT
The WM8983 has a digital 3D enhancement option to increase the perceived separation between the
left and right channels. Selection of 3D for record or playback is controlled by register bit
EQ3DMODE. Switching this bit from record to playback or from playback to record may only be done
when ADC and DAC are disabled. The WM8983 control interface will only allow EQ3DMODE to be
changed when ADC and DAC are disabled (ie ADCENL = 0, ADCENR = 0, DACENL = 0 and
DACENR = 0).
The DEPTH3D setting controls the degree of stereo expansion.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
3D Control
3:0
DEPTH3D[3:0]
0000
Stereo depth
0000 = Disabled
0001 = 6.67%
0010 = 13.3%
0011 = 20%
0100 = 26.7%
0101 = 33.3%
0110 = 40%
0111 = 46.6%
1000 = 53.3%
1001 = 60%
1010 = 66.7%
1011 = 73.3%
1100 = 80%
1101 = 86.7%
1110 = 93.3%
1111 = 100% (maximum 3D effect)
Table 39 3D Stereo Enhancement Function
Note: When 3D enhancement is used, it may be necessary to attenuate the signal by 6dB to avoid
limiting.
ANALOGUE OUTPUTS
The WM8983 has three sets of stereo analogue outputs. These are:
•
LOUT1 and ROUT1 which are normally used to drive a headphone load.
•
LOUT2 and ROUT2 – which can be used as speaker, headphone or line drivers.
•
OUT3 and OUT4 – can be configured as a stereo line out (OUT3 is left output and
OUT4 is right output). OUT4 can also be used to provide a mono mix of left and
right channels.
The outputs LOUT2, ROUT2 OUT3 and OUT4 are powered from AVDD2 and are capable of driving
a 1V rms signal (AVDD1/3.3) in non-boost mode and AVDD1*1.5/3.3 in boost mode.
LOUT1 and ROUT1 are supplied from AVDD1 and can drive out a 1V rms signal (AVDD1/3.3).
LOUT1, ROUT1, LOUT2 and ROUT2 have individual analogue volume PGAs with -57dB to +6dB
gain ranges.
There are four output mixers in the output signal path, the left and right channel mixers which control
the signals to headphone (and optionally the line outputs) and also dedicated OUT3 and OUT4
mixers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com