Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
64
LEFT AND RIGHT OUTPUT CHANNEL MIXERS
The left and right output channel mixers are shown in Figure 32. These mixers allow the AUX inputs,
the ADC bypass and the DAC left and right channels to be combined as desired. This allows a mono
mix of the DAC channels to be performed as well as mixing in external line-in from the AUX or
speech from the input bypass path.
The AUX and bypass inputs have individual volume control from -15dB to +6dB and the DAC volume
can be adjusted in the digital domain if required. The output of these mixers is connected to the
headphone outputs (LOUT1, ROUT1, LOUT2 and ROUT2) and can optionally be connected to the
OUT3 and OUT4 mixers.
Figure 32 Left/Right Output Channel Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com