Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
9
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Auxiliary Analogue Inputs (AUXL, AUXR)
Full-scale Input Signal Level
2
AVDD/3.3
Vrms
Input Resistance
Left Input boost and mixer
enabled, at +6dB
4.3
k
Ω
Left Input boost and mixer
enabled, at 0dB gain
8.6
k
Ω
Left Input boost and mixer
enabled, at -12dB gain
39.1
k
Ω
Right Input boost, mixer
enabled, at +6dB gain
3
k
Ω
Right Input boost, mixer
enabled, at 0dB gain
6
k
Ω
Right Input boost, mixer
enabled, at -12dB gain
29
k
Ω
Input Capacitance
All analogue Inputs
10
pF
Gain range from AUXL and AUXR
input to left and right input PGA
mixers
Gain adjusted by
AUXL2BOOSTVOL and
AUXR2BOOSTVOL
-12
+6
dB
AUXLBOOSTVOL and
AUXRBOOSTVOL step size
3
dB
L2, R2 Line Input Programmable Gain
Gain range from L2/R2 input to left
and right input PGA mixers
Gain adjusted by
L2_2BOOSTVOL and
R2_2BOOSTVOL
-12
+6
dB
L2/R2_2BOOSTVOL step size
3
dB
L2/R2_2BOOSTVOL mute
attenuation
100
dB
OUT4 to left or right input boost record path
Gain range into left and right input
PGA mixers
Gain adjusted by
OUT4_2ADCVOL
-6
+12
dB
OUT4_2ADCVOL gain step size
3
dB
OUT4_2ADCVOL mute attenuation
100
dB
Analogue to Digital Converter (ADC) - Input from LIN/P and RIN/P in differential configuration to input PGA
INPPGAVOLL, INPPGAVOLR, PGABOOSTL, PGABOOSTR, ADCLVOL and ADCRVOL = 0dB
Signal to Noise Ratio
3
SNR
A-weighted
AVDD1=AVDD2=3.3V
93
dB
A-weighted
AVDD1=AVDD2=2.5V
91.5
dB
Total Harmonic Distortion
4
THD
-12dBV Input
AVDD1=AVDD2=3.3V
-78
dBFS
-12dBV Input
AVDD1=AVDD2=2.5V
-75
dBFS
Total Harmonic Distortion + Noise
5
THD+N
-12dBV Input
AVDD1=AVDD2=3.3V
-75
dBFS
-12dBV Input
AVDD1=AVDD2=2.5V
-72
dBFS
Channel Separation
6
1kHz full scale input signal
100
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com