Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
97
ADDR
B[15:9]
REGISTER
NAME
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEF’T
VAL
D
E
C
H
E
X
(HEX)
35
23
Noise Gate
0
0
0
0
0
NGEN
NGTH[2:0]
000
36
24
PLL N
0
0
0
0
PLLPRE
SCALE
PLLN[3:0]
008
37
25
PLL K 1
0
0
0
PLLK[23:18]
00C
38
26
PLL K 2
PLLK[17:9]
093
39
27
PLL K 3
PLLK[8:0]
0E9
41
29
3D control
DEPTH3D[3:0]
000
42
2A
OUT4 to ADC
OUT4_2ADCVOL[2:0]
OUT4_2
LNR
0
0
POB
CTRL
DELEN
OUT1
DEL
43
2B
Beep control
BYPL2
RMIX
BYPR2
LMIX
0
MUTER
PGA2IN
V
INVROUT2
BEEPVOL[2:0]
BEEP
EN
000
44
2C
Input ctrl
MBVSEL
0
R2_2
INPPGA
RIN2
INPPGA
RIP2
INPPGA
0
L2_2
INPPGA
LIN2
INPPGA
LIP2
INPPGA
033
45
2D
Left INP PGA
gain ctrl
INPGAVU
INPPGA
ZCL
INPPGA
MUTEL
INPPGAVOLL[5:0]
010
46
2E
Right INP PGA
gain ctrl
INPGAVU
INPPGA
ZCR
INPPGA
MUTER
INPPGAVOLR[5:0]
010
47
2F
Left ADC Boost
ctrl
PGA
BOOSTL
0
L2_2BOOSTVOL[2:0]
0
AUXL2BOOSTVOL[2:0]
100
48
30
Right ADC Boost
ctrl
PGA
BOOSTR
0
R2_2BOOSTVOL[2:0]
0
AUXR2BOOSTVOL[2:0]
100
49
31
Output ctrl
0
0
DACL2
RMIX
DACR2
LMIX
OUT4
BOOST
OUT3
BOOST
SPK
BOOST
TSDEN
VROI
002
50
32
Left mixer ctrl
AUXLMIXVOL[2:0]
AUXL2
LMIX
BYPLMIXVOL[2:0]
BYPL2
LMIX
DACL2
LMIX
001
51
33
Right mixer ctrl
AUXRMIXVOL[2:0]
AUXR2
RMIX
BYPRMIXVOL[2:0]
BYPR2
RMIX
DACR2
RMIX
001
52
34
LOUT1 (HP)
volume ctrl
OUT1VU
LOUT1
ZC
LOUT1
MUTE
LOUT1VOL[5:0]
039
53
35
ROUT1 (HP)
volume ctrl
OUT1VU
ROUT1
ZC
ROUT1
MUTE
ROUT1VOL[5:0]
039
54
36
LOUT2 (SPK)
volume ctrl
OUT2VU
LOUT2
ZC
LOUT2
MUTE
LOUT2VOL[5:0]
039
55
37
ROUT2 (SPK)
volume ctrl
OUT2VU
ROUT2
ZC
ROUT2
MUTE
ROUT2VOL[5:0]
039
56
38
OUT3 mixer ctrl
0
0
OUT3
MUTE
0
0
OUT4_
2OUT3
BYPL2
OUT3
LMIX2
OUT3
LDAC2
OUT3
001
57
39
OUT4 (MONO)
mixer ctrl
0
OUT3_2
OUT4
OUT4
MUTE
OUT4
ATTN
LMIX2
OUT4
LDAC2
OUT4
BYPR2
OUT4
RMIX2
OUT4
RDAC2
OUT4
001
59
3B
ALC Test Mode
000 0000
ALCTST[1:0]
000
61
3D
Bias Control
BIASCUT
0000 0000
000
Table 70 WM8983 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com