Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
87
Figure 49 PLL and Clock Select Circuit
The PLL frequency ratio R = f2/f1 (see Figure 49) can be set using the register bits PLLK and PLLN.
R should be chosen to ensure 5 < PLLN < 13:
PLLN = int R
PLLK = int (2
24 (R-PLLN))
To calculate R:
There is a fixed divide by 4 in the PLL, f/4, and a selectable divide by N after the PLL, MCLKDIV.
•
f2 = SYSCLK x 4 x MCLKDIV
•
R = f2 / (MCLK / PRESCALE) = R
•
PLLN = int R
•
k = int ( 2
24 x (R – intR)) – convert k to hex for PLLK
EXAMPLE:
MCLK=26MHz, required clock = 12.288MHz.
R should be chosen to ensure 5 < PLLN < 13.
MCLKDIV = 2 sets the required division rate;
•
f2 = 4 x 2 x 12.288MHz = 98.304MHz.
•
R = 98.304 / (26/2) = 7.561846
•
PLLN = int R = 7
•
k = int ( 2
24 x (7.561846 – 7)) = 9426214dec
Convert k to hex:
PLLK = 8FD526h
Convert PLLK to R36, R37, R38 and R39 hex values:
R36 = 7h; R37 = 23h; R38 = 1EAh; R39 = 126h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com