Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
75
Figure 39 Outputs OUT3 and OUT4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output control
3
OUT3BOOST
0
0 = OUT3 output gain = -1;
DC = AVDD1 / 2
1 = OUT3 output gain = +1.5
DC = 1.5 x AVDD1 / 2
4
OUT4BOOST
0
0 = OUT4 output gain = -1;
DC = AVDD1 / 2
1 = OUT4 output gain = +1.5
DC = 1.5 x AVDD1 / 2
R1
Power
management
1
8
BUFDCOPEN
0
Dedicated buffer for DC level shifting
output stages when in 1.5x gain
boost configuration.
0=Buffer disabled
1=Buffer enabled (required for 1.5x
gain boost)
Table 48 OUT3 and OUT4 Boost Stages Control
OUT3BOOST/
OUT4BOOST
OUTPUT
STAGE GAIN
OUTPUT DC
LEVEL
OUTPUT STAGE
CONFIGURATIO
N
0
1x
AVDD1/2
Inverting
1
1.5x
1.5xAVDD1/2
Non-inverting
Table 49 OUT3 and OUT4 Output Boost Stage Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com