Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
71
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54
LOUT2
Volume
control
7
LOUT2ZC
0
LOUT2 volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
LOUT2MUTE
0
Left output mute:
0 = Normal operation
1 = Mute
5:0
LOUT2VOL
111001
Left output volume:
000000 = -57dB
000001 = -56dB
...
111001 = 0dB
...
111111 = +6dB
8
SPKVU
Not latched
LOUT2 and ROUT2 volumes do not
update until a 1 is written to
OUT2VU (in reg 54 or 55)
R55
ROUT2
Volume
control
7
ROUT2ZC
0
ROUT2 volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
ROUT2MUTE
0
Right output mute:
0 = Normal operation
1 = Mute
5:0
ROUT2VOL
111001
Right output volume:
000000 = -57dB
000001 = -56dB
...
111001 = 0dB
...
111111 = +6dB
8
SPKVU
Not latched
LOUT2 and ROUT2 volumes do not
update until a 1 is written to
OUT2VU (in reg 54 or 55)
Table 42 OUT2 Volume Control
The signal output on LOUT2/ROUT2 comes from the Left/Right Mixer circuits and can be any
combination of the DAC output, the Bypass path (output of the input boost stage) and the AUX input.
The LOUT2/ROUT2 volume is controlled by the LOUT2VOL/ ROUT2VOL register bits. Gains over
0dB may cause clipping if the signal is large. The LOUT2MUTE/ ROUT2MUTE register bits cause
the speaker outputs to be muted (the output DC level is driven out). The output pins remain at the
same DC level (DCOP), so that no click noise is produced when muting or un-muting
The speaker output stages also have a selectable gain boost of 1.5x (3.52dB). When this boost is
enabled the output DC level is also level shifted (from AVDD1/2 to 1.5xAVDD1/2) to prevent the
signal from clipping. A dedicated amplifier BUFDCOP, as shown in Figure 34 , is used to perform the
DC level shift operation. This buffer must be enabled using the BUFDCOPEN register bit for this
operating mode. It should also be noted that if AVDD2 is not equal to or greater than 1.5xAVDD1 this
boost mode may result in signals clipping. Table 44 summarises the effect of the SPKBOOST
control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com