Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
94
RESETTING THE CHIP
The WM8983 can be reset by performing a write of any value to the software reset register (address
0h). This will cause all register values to be reset to their default values. In addition to this there is a
Power-On Reset (POR) circuit which ensures that the registers are initially set to default when the
device is powered up.
POWER SUPPLIES
The WM8983 requires four separate power supplies:
AVDD1 and AGND1: Analogue supply, powers all internal analogue functions and output drivers
LOUT1 and ROUT1. AVDD1 must be between 2.5V and 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphones). Higher AVDD1 will
improve audio quality.
AVDD2 and AGND2: Output driver supplies, power LOUT2, ROUT2, OUT3 and OUT4. AVDD2 must
be between 2.5V and 5.5V. AVDD2 can be tied to AVDD1, but it requires separate layout and
decoupling capacitors to curb harmonic distortion.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD must be between 1.71V and 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DBVDD must be between 1.71V and 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out
of the analogue signal paths.
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode. Under
the control of ADCOSR128 and DACOSR128 the oversampling rate may be doubled. 64x
oversampling results in a slight decrease in noise performance compared to 128x but lowers the
power consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC control
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
R14
ADC control
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Table 66 ADC and DAC Oversampling Rate Selection
VMID
The analogue circuitry will not operate unless VMID is enabled. The impedance of the VMID resistor
string, together with the decoupling capacitor on the VMID pin will determine the start-up time of the
VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
(Determines startup time):
00 = off (250kΩ VMID to AGND1)
01 = 100kΩ
10 = 500kΩ
11 = 10kΩ total (for fast start-up)
Table 67 VMID Impedance Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com