Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
27
Notes:
1.
The lineout charge time, tline_midrail_on, is determined by the VMID pin charge time. This time is
dependent upon the value of VMID decoupling capacitor and VMID pin input resistance and
AVDD power supply rise time. The values above were measured using a 4.7μF capacitor.
2.
It is not advisable to allow DACDAT data input during initialisation of the DAC. If the DAC data
value is not zero at point of initialisation, then this is likely to cause a pop noise on the analogue
outputs. The same is also true if the DACDAT is removed at a non-zero value, and no mute
function has been applied to the signal beforehand.
3.
The lineout discharge time, tline_midrail_off, is determined by the VMID pin discharge time. This time
is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance. The
values above were measured using a 4.7μF capacitor.
4.
The headphone charge time, thp_midrail_on, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance and AVDD power supply rise time. The values above
were measured using a 4.7μF VMID decoupling capacitor.
5.
The headphone discharge time, thp_midrail_off, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance. The values above were measured using a 4.7μF VMID
decoupling capacitor.
6.
The VMIDSEL and BIASEN bits must be set to enable analogue output midrail voltage and for
normal DAC operation.
RECOMMENDED L/ROUT1 ENABLE SEQUENCE
In order to minimise click noise, it is recommended that the WM8983 headphone outputs are enabled
using the following sequence:
•
Activate dual enable function DELEN = 1 (R42).
•
Enable L/ROUT1 amplifier core, LOUT1EN = 1, ROUT1EN = 1 (R2).
•
Enable output FETs, OUT1DEL = 1 (R42).
•
Disable DELEN = 0.
•
Reset OUT1DEL = 0.
Notes:
All outputs on WM8983 can also be enabled with a single write to enable bits in registers 2 and 3
without click minimisation. Disabling outputs does not require click minimisation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com