Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
16
POWER CONSUMPTION
TYPICAL SCENARIOS
Estimated current consumption for typical scenarios are shown below.
Power delivered to the load is not included.
MODE
IAVDD1 mA
(3.3V)
IAVDD2 mA
(3.3V)
IDCVDD mA
(1.8V)
IDBVDD mA
(1.8V)
TOTAL
mW
Off (No clocks, temperature sensor disabled)
0.010
0.010
0.001
0.002
0.071
Sleep (VREF maintained)
0.100
0.001
0.012
0.003
0.360
Mono Record from Differential MIC (8kHz, PLL enabled)
4.000
0.001
0.400
0.030
13.97
Stereo HP Playback (44.1kHz, PLL enabled)
3.700
0.950
2.100
0.100
19.31
Table 1 Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com