Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 32 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 32 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 28Page - Agere Systems OR4E2 Datasheet HTML 29Page - Agere Systems OR4E2 Datasheet HTML 30Page - Agere Systems OR4E2 Datasheet HTML 31Page - Agere Systems OR4E2 Datasheet HTML 32Page - Agere Systems OR4E2 Datasheet HTML 33Page - Agere Systems OR4E2 Datasheet HTML 34Page - Agere Systems OR4E2 Datasheet HTML 35Page - Agere Systems OR4E2 Datasheet HTML 36Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
32
32
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
On the output side of each PIO, an output from the PLC
array can be routed to each output FF, and logic can be
associated with each I/O pad. The output logic associ-
ated with each pad allows for multiplexing of output sig-
nals and other functions of two output signals.
The output FF, in combination with output signal multi-
plexing, is particularly useful for registering address
signals to be multiplexed with data, allowing a full clock
cycle for the data to propagate to the output. The out-
put buffer signal can be inverted, and the 3-state con-
trol can be made active-high, active-low, or always
enabled. In addition, this 3-state signal can be regis-
tered or nonregistered.
The Series 4 I/O logic has been enhanced to include
modes for speed uplink and downlink capabilities.
These modes are supported through shift register logic
which divides down incoming data rates or multiplies
up outgoing data rates. This new logic block also sup-
ports high-speed DDR mode requirements where data
is clocked into and out of the I/O buffers on both edges
of the clock.
The new programmable I/O cell allows designers to
select I/Os that meet many new communication stan-
dards permitting the device to hook up directly without
any external interface translation. They support tradi-
tional FPGA standards as well as high-speed single-
ended and differential pair signaling (as shown in
Table 14). Based on a programmable, bank-oriented
I/O ring architecture, designs can be implemented
using 3.3 V, 2.5 V, 1.8 V, and 1.5 V output levels.
Table 14. Series 4 Programmable I/O Standards
Note: Interfaces to DDR and ZBT memories are supported through the interface standards shown above.
Standard
VDDIO (V) VREF (V)
Interface Usage
LVTTL
3.3
NA
General purpose.
LVCMOS2
2.5
NA
LVCMOS1.8
1.8
NA
PCI
3.3
NA
PCI.
LVDS
2.5
NA
Point to point and multidrop backplanes, high noise immunity.
Bused-LVDS
2.5
NA
Network backplanes, high noise immunity, bus architecture
backplanes.
LVPECL
2.5
NA
Network backplanes, differential 100 MHz+ clocking, optical
transceiver, high-speed networking.
PECL
3.3
2.0
Backplanes.
GTL
3.3
0.8
Backplane or processor interface.
GTL+
3.3
1.0
HSTL-Class I
1.5
0.75
High-speed SRAM and networking interfaces.
HTSL-Class III and IV
1.5
0.9
STTL3-Class I and II
3.3
1.5
Synchronous DRAM interface.
SSTL2-Class I and II
2.5
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com