Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 67 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 67 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 63Page - Agere Systems OR4E2 Datasheet HTML 64Page - Agere Systems OR4E2 Datasheet HTML 65Page - Agere Systems OR4E2 Datasheet HTML 66Page - Agere Systems OR4E2 Datasheet HTML 67Page - Agere Systems OR4E2 Datasheet HTML 68Page - Agere Systems OR4E2 Datasheet HTML 69Page - Agere Systems OR4E2 Datasheet HTML 70Page - Agere Systems OR4E2 Datasheet HTML 71Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
Lucent Technologies Inc.
67
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
5-5761(F)
Figure 41. PowerPC/MPI Configuration Schematic
Configuration readback can also be performed via the MPI when it is in user mode. The MPI is enabled in user
mode by setting the MPI_USER_ENABLE bit to 1 in the configuration control register prior to the start of configura-
tion or through a configuration option. To perform readback, the host processor writes the 14-bit readback start
address to the readback address registers and sets the RD_CFG bit to 0 in the configuration control register. Read-
back data is returned 8 bits at a time to the readback data register and is valid when the DATA_RDY bit of the status
register is 1. There is no error checking during readback. A flow chart of the MPI readback operation is shown in
Figure 43. The RD_DATA pin used for dedicated FPGA readback is invalid during MPI readback.
DOUT
CCLK
D[#:0]
A[17:0]
MPI_CLK
MPI_RW
MPI_ACK
MPI_BDIP
MPI_IRQ
MPI_STRB
CS0
CS1
HDC
LDC
D[#:0]
A[14:31]
CLKOUT
RD/WR
TA
BDIP
IRQx
TS
TO DAISY-
CHAINED
DEVICES
POWERPC
ORCA
8, 16, 32
FPGA
SERIES 4
DONE
INIT
BUS
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com