Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 74 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 74 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 70Page - Agere Systems OR4E2 Datasheet HTML 71Page - Agere Systems OR4E2 Datasheet HTML 72Page - Agere Systems OR4E2 Datasheet HTML 73Page - Agere Systems OR4E2 Datasheet HTML 74Page - Agere Systems OR4E2 Datasheet HTML 75Page - Agere Systems OR4E2 Datasheet HTML 76Page - Agere Systems OR4E2 Datasheet HTML 77Page - Agere Systems OR4E2 Datasheet HTML 78Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
74
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Electrical Characteristics (continued)
Table 41. Electrical Characteristics (continued)
* The pull-up resistor will externally pull the pin to a level 1.0 V below VDDIO.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Data Retention Voltage
(VDD33)
VDR
TA = 25 °C2.3
—
V
Input Capacitance
CIN
TA = 25 °C, VDD = 3.3 V
Test frequency = 1 MHz
—
6pF
Output Capacitance
COUT
TA = 25 °C, VDD = 3.3 V
Test frequency = 1 MHz
—
6pF
DONE Pull-up Resistor*
RDONE
—
100
—
k
Ω
M[3:0] Pull-up Resistor*
RM
—
100
—
k
Ω
I/O Pad Static Pull-up
Current*
IPU
VDDIO = 3.6 V, VIN = VSS, TA = 0 °C
14.4
50.9
µA
I/O Pad Static
Pull-down Current
IPD
VDDIO = 3.6 V, VIN = VSS, TA = 0 °C
26
103
µA
I/O Pad Pull-up Resistor*
RPU
VDDIO = all, VIN = VSS, TA = 0 °C
100
—
k
Ω
I/O Pad Pull-down
Resistor
RPD
VDDIO = all, VIN = VDD, TA = 0 °C50
—
k
Ω
DONE Pull-up Resistor*
RDONE
—
100
—
k
Ω
M[3:0] Pull-up Resistor*
RM
—
100
—
k
Ω
I/O Pad Static Pull-up
Current*
IPU
VDDIO = 3.6 V, VIN = VSS, TA = 0 °C
14.4
50.9
µA
I/O Pad Static
Pull-down Current
IPD
VDDIO = 3.6 V, VIN = VSS, TA = 0 °C
26
103
µA
I/O Pad Pull-up
Resistor*
RPU
VDDIO = all, VIN = VSS, TA = 0 °C
100
—
k
Ω
I/O Pad Pull-down
Resistor
RPD
VDDIO = all, VIN = VDD, TA = 0 °C50
—
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com