Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 45 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 45 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 41Page - Agere Systems OR4E2 Datasheet HTML 42Page - Agere Systems OR4E2 Datasheet HTML 43Page - Agere Systems OR4E2 Datasheet HTML 44Page - Agere Systems OR4E2 Datasheet HTML 45Page - Agere Systems OR4E2 Datasheet HTML 46Page - Agere Systems OR4E2 Datasheet HTML 47Page - Agere Systems OR4E2 Datasheet HTML 48Page - Agere Systems OR4E2 Datasheet HTML 49Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 124 page
background image
Lucent Technologies Inc.
45
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Special Function Blocks (continued)
The MODE signal is generated from the decode of the instruction register. When the MODE signal is high
(EXTEST), the scan data is propagated to the output buffer. When the MODE signal is low (BYPASS or SAMPLE),
functional data from the FPGA’s internal logic is propagated to the output buffer.
The boundary-scan description language (BSDL) is provided for each device in the ORCA Series of FPGAs on the
ORCA Foundry CD. The BSDL is generated from a device profile, pinout, and other boundary-scan information.
5-2844(F)
Figure 29. Boundary-Scan Cell
Boundary-Scan Timing
To ensure race-free operation, data changes on specific clock edges. The TMS and TDI inputs are clocked in on
the rising edge of TCK, while changes on TDO occur on the falling edge of TCK. In the execution of an EXTEST
instruction, parallel data is output from the BSR to the FPGA pads on the falling edge of TCK. The maximum fre-
quency allowed for TCK is 10 MHz.
Figure 30 shows timing waveforms for an instruction scan operation. The diagram shows the use of TMS to
sequence the TAPC through states. The test host (or BSM) changes data on the falling edge of TCK, and it is
clocked into the DUT on the rising edge.
D
Q
D
Q
D
Q
D
Q
SCAN IN
p_out
HOLI
BIDIRECTIONAL DATA CELL
I/O BUFFER
DIRECTION CONTROL CELL
MODE
UPDATE/TCK
SCAN OUT
TCK
SHIFTN/CAPTURE
p_ts
p_in
PAD_IN
PAD_TS
PAD_OUT
0
1
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com