Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 40 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 40 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 36Page - Agere Systems OR4E2 Datasheet HTML 37Page - Agere Systems OR4E2 Datasheet HTML 38Page - Agere Systems OR4E2 Datasheet HTML 39Page - Agere Systems OR4E2 Datasheet HTML 40Page - Agere Systems OR4E2 Datasheet HTML 41Page - Agere Systems OR4E2 Datasheet HTML 42Page - Agere Systems OR4E2 Datasheet HTML 43Page - Agere Systems OR4E2 Datasheet HTML 44Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
40
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Special Function Blocks (continued)
5-6765(F)
Figure 26. Boundary-Scan Interface
D[7:0]
INTR
MICRO-
PROCESSOR
D[7:0]
CE
RA
R/W
DAV
INT
SP
TMS0
TCK
TDI
TDO
TDI
TMS
TCK
TDO
ORCA
SERIES
FPGA
TDI
ORCA
SERIES
FPGA
TMS
TCK
TDO
TDI
TMS
TCK
TDO
ORCA
SERIES
FPGA
LUCENT
BOUNDARY-
SCAN
MASTER
(BSM)
(DUT)
(DUT)
(DUT)
The boundary-scan support circuit shown in Figure 26
is the 497Aa boundary-scan master (BSM). The BSM
off-loads tasks from the test host to increase test
throughput. To interface between the test host and the
DUTs, the BSM has a general MPI and provides paral-
lel-to-serial/serial-to-parallel conversion, as well as
three 8K data buffers. The BSM also increases test
throughput with a dedicated automatic test-pattern
generator and with compression of the test response
with a signature analysis register. The PC-based
boundary-scan test card/software allows a user to
quickly prototype a boundary-scan test setup.
Boundary-Scan Instructions
The Series 4 boundary-scan circuitry includes ten
IEEE 1149.1, 1149.2, and 1532/D1 instructions and six
ORCA-defined instructions. These also include one
IEEE 1149.3 optional instruction. A 6-bit wide instruc-
tion register supports all the instructions listed in
Table 22. The BYPASS instruction passes data inter-
nally from TDI to TDO after being clocked by TCK.
Table 22. Boundary-Scan Instructions
Code
Instruction
000000
EXTEST
000001
SAMPLE
000011
PRELOAD
000100
RUNBIST
000101
IDCODE
000110
USERCODE
001000
ISC_ENABLE
001001
ISC_PROGRAM
001010
ISC_NOOP
001011
ISC_DISABLE
001101
ISC_PROGRAM_USERCODE
001110
ISC_READ
010001
PLC_SCAN_RING1
010010
PLC_SCAN_RING2
010011
PLC_SCAN_RING3
010100
RAM_WRITE
010101
RAM_READ
111111
BYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com