Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 71 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 71 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 67Page - Agere Systems OR4E2 Datasheet HTML 68Page - Agere Systems OR4E2 Datasheet HTML 69Page - Agere Systems OR4E2 Datasheet HTML 70Page - Agere Systems OR4E2 Datasheet HTML 71Page - Agere Systems OR4E2 Datasheet HTML 72Page - Agere Systems OR4E2 Datasheet HTML 73Page - Agere Systems OR4E2 Datasheet HTML 74Page - Agere Systems OR4E2 Datasheet HTML 75Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 124 page
background image
Lucent Technologies Inc.
71
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
5-4487(F)
Figure 45. Slave Parallel Configuration Schematic
Daisy Chaining
Multiple FPGAs can be configured by using a daisy chain of the FPGAs. Daisy chaining uses a lead FPGA and one
or more FPGAs configured in slave serial mode. The lead FPGA can be configured in any mode except slave
parallel mode.
All daisy-chained FPGAs are connected in series. Each FPGA reads and shifts the preamble and length count in on
positive CCLK and out on negative CCLK edges.
An upstream FPGA that has received the preamble and length count outputs a high on DOUT until it has received
the appropriate number of data frames so that downstream FPGAs do not receive frame start bit pairs. After loading
and retransmitting the preamble and length count to a daisy chain of slave devices, the lead device loads its config-
uration data frames. The loading of configuration data continues after the lead device has received its configuration
data if its internal frame bit counter has not reached the length count. When the configuration RAM is full and the
number of bits received is less than the length count field, the FPGA shifts any additional data out on DOUT.
The configuration data is read into DIN of slave devices on the positive edge of CCLK, and shifted out DOUT on the
negative edge of CCLK. Figure 46 shows the connections for loading multiple FPGAs in a daisy-chain configura-
tion.
The generation of CCLK for the daisy-chained devices that are in slave serial mode differs depending on the config-
uration mode of the lead device. A master parallel mode device uses its internal timing generator to produce an
internal CCLK at eight times its memory address rate (RCLK). The asynchronous peripheral mode device outputs
eight CCLKs for each write cycle. If the lead device is configured in slave mode, CCLK must be routed to the lead
device and to all of the daisy-chained devices.
MICRO-
PROCESSOR
OR
SYSTEM
D[7:0]
DONE
CCLK
CS1
M2
M1
M0
HDC
LDC
8
VDD
INIT
PRGM
CS0
WR
SERIES
FPGA
ORCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com