Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 33 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 33 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 29Page - Agere Systems OR4E2 Datasheet HTML 30Page - Agere Systems OR4E2 Datasheet HTML 31Page - Agere Systems OR4E2 Datasheet HTML 32Page - Agere Systems OR4E2 Datasheet HTML 33Page - Agere Systems OR4E2 Datasheet HTML 34Page - Agere Systems OR4E2 Datasheet HTML 35Page - Agere Systems OR4E2 Datasheet HTML 36Page - Agere Systems OR4E2 Datasheet HTML 37Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
Lucent Technologies Inc.
33
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
The PIOs are located along the perimeter of the device.
The PIO name is represented by a two-letter designa-
tion to indicate on which side of the device it is located
followed by a number to indicate in which row or column
it is located. The first letter, P, designates that the cell is
a PIO and not a PLC. The second letter indicates the
side of the array where the PIO is located. The four
sides are left (L), right (R), top (T), and bottom (B). The
individual I/O pad is indicated by a single letter (either
A, B, C, or D) placed at the end of the PIO name. As an
example, PL10A indicates a pad located on the left side
of the array in the tenth row.
Each PIC interfaces to four bond pads and contains the
necessary routing resources to provide an interface
between I/O pads and the PLCs. Each PIC is com-
posed of four programmable I/Os and significant routing
resources. Each PIC contains input buffers, output buff-
ers, routing resources, latches/FFs, and logic and can
be configured as an input, output, or bidirectional
I/O. Any PIO is capable of supporting the I/O standard
listed in Table 12 and supporting DDR and ZBT specifi-
cations.
The I/O on the OR4Exxx Series devices allows compli-
ance with PCI Local Bus (Rev. 2.2) 3.3 V signaling
environments. The signaling environment used for
each input buffer can be selected on a per-pin basis.
The selection provides the appropriate I/O clamping
diodes for PCI compliance.
The CIBs that bound the PIOs have significant local
routing resources, similar to routing in the PLCs. This
new routing increases the ability to fix user pinouts
prior to placement and routing of a design and still
maintain routability. The flexibility provided by the rout-
ing also provides for increased signal speed due to a
greater variety of optimal signal paths.
Included in the PIO routing interface is a fast path from
the input pins to the PFU logic. This feature allows for
input signals to be very quickly processed by the SLIC
decoder function and used on-chip or sent back off of
the FPGA. Also, the Series 4 PIOs include latches and
FFs and options for using fast, dedicated secondary,
and edge clocks.
A diagram of a single PIO is shown in Figure 22, and
Table 15 provides an overview of the programmable
functions in an I/O cell.
5-9732(F)
Figure 22. Series 4 PIO Image from ORCA Foundry
OUTSH
OUTDDMUX
OUTDD
OUTFFMUX
OUTFF
CLK4MUX
EC
SC
CE
LSRMUX
LSR
GSR
ENABLED
DISABLED
SRMODE
CE_OVER_LSR
LSR_OVER_CE
ASYNC
CEMUX0
OUTDD
CLK
OUTSH
CLK
OUTDD
OUTREG
OUTREG
DO
CK
SP
LSR
AND
NAND
OR
NOR
XOR
XNOR
PLOGIC
PMUX
OUTSHMUX
BUFMODE
SLEW
FAST
LEVELMODE
PCI
SSTL2
SSTL3
HSTL1
HSTL3
GTL
GTLPLUS
PECL
LVPECL
LVDS
P2MUX
OUTDD
TSMUX
USRTS
TSREG
DO
CK
LSR
RESET
SET
PULLMODE
UP
DOWN
NONE
INMUX
CEMUXI
NORMAL
INVERTED
LATCHFF
D0
D1
CK
SP
LSR
D0
CK
LATCHFF
LATCH
FF
INDDMUX
INDD
INCK
INFF
RESET
SET
RESET
SET
1
0
0
0
0
1
EC
SC
DELAY
IOPAD
OUTMUX
CELL
CE
1
LVCMOS2
LVCMOS18
DEL0
DEL1
DEL2
DEL3
DEL0
DEL1
DEL2
DEL3
MILLIAMPS
SIX
TWELVE
TWENTYFOUR
RESISTOR
OFF
ON
KEEPERMODE
OFF
ON
LATCH
FF
OUTPUT SIDE
INPUT SIDE
LVTTL
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com