Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E2 Datasheet(PDF) 35 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 35 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 31Page - Agere Systems OR4E2 Datasheet HTML 32Page - Agere Systems OR4E2 Datasheet HTML 33Page - Agere Systems OR4E2 Datasheet HTML 34Page - Agere Systems OR4E2 Datasheet HTML 35Page - Agere Systems OR4E2 Datasheet HTML 36Page - Agere Systems OR4E2 Datasheet HTML 37Page - Agere Systems OR4E2 Datasheet HTML 38Page - Agere Systems OR4E2 Datasheet HTML 39Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
Lucent Technologies Inc.
35
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
Table 15. PIO Options
Outputs
The PIO’s output drivers for TTL/CMOS outputs have
programmable drive capability and slew rates. Two
propagation delays (fast, slewlim) are available on out-
put drivers. There are three combinations of program-
mable drive currents (24 mA sink/12 mA source, 12 mA
sink/6 mA, and 6 mA sink/3 mA source). At powerup,
the output drivers are in slewlim mode and
12 mA sink/6 mA source. If an output is not to be driven
in the selected configuration mode, it is 3-stated.
The output buffer signal can be inverted, and the
3-state control signal can be made active-high, active-
low, or always enabled. In addition, this 3-state signal
can be registered or nonregistered. Additionally, there
is a fast, open-drain output option that directly connects
the output signal to the 3-state control, allowing the out-
put buffer to either drive to a logic 0 or 3-state, but
never to drive to a logic 1.
The PIO has both input and output shift register capa-
bilities. This ability allows the data rate to be reduced
from the pad or increased to the pad by two or four
times. The shift register block (SRB) is available in
groups of four PIO. Both the input and output shift reg-
isters are controlled by the same clock and can operate
at the same time at the same speed as long as the
SRB is not connected to the same pads.The output
control signals are similar to the input control signals in
that they are per pair of PIOs.
Bus Hold
Each PIO can be programmed with a KEEPERMODE
feature. This element is user programmed for bus hold
requirements. This mode retains the last known state of
a bus when the bus goes into 3-state. It prevents float-
ing buses and saves system power.
PIO Register Control Signals
The PIO latches/FFs have various clock, clock enable
(CE), local set/reset (LSR), and GSRN controls. Table
16 provides a summary of these control signals and
their effect on the PIO latches/FFs. Note that all control
signals are optionally invertible. The output control sig-
nals are similar to the input control signals in that they
are per pair of PIOs.
Table 16. PIO Register Control Signals
Input
Option
Input Level
LVTTL, LVCMOS 2,
LVCMOS 1.8, 3.3 V PCI Compliant.
Input Speed
Fast, Delayed.
Float Value
Pull-up, Pull-down, None.
Register Mode
Latch, FF, Fast Zero Hold FF, None
(direct input).
Clock Sense
Inverted, Noninverted.
Input Selection
Input 1, Input 2, Clock Input.
Keeper Mode
On, Off.
LVDS Resistor
On, Off.
Output
Option
Output Drive
Current
12 mA/6 mA or 6 mA/3 mA
24 mA/12 mA.
Output Function
Normal, Fast Open Drain.
Output Speed
Fast, Slew.
Output Source
FF Direct-out, General Routing.
Output Sense
Active-high, Active-low.
3-State Sense
Active-high, Active-low (3-state).
FF Clocking
Edge Clock, System Clock.
Clock Sense
Inverted, Noninverted.
Logic Options
See Table 17.
I/O Controls
Option
Clock Enable
Active-high, Active-low, Always
Enabled.
Set/Reset Level
Active-high, Active-low, No Local
Reset.
Set/Reset Type
Synchronous, Asynchronous.
Set/Reset Priority CE over LSR, LSR over CE.
GSR Control
Enable GSR, Disable GSR.
Control Signal
Effect/Functionality
Edge Clock
(ECLK)
Clocks input fast-capture latch;
optionally clocks output FF, or
3-state FF.
System Clock
(SCLK)
Clocks input latch/FF; optionally
clocks output FF, or 3-state FF.
Clock Enable
(CE)
Optionally enables/disables input FF
(not available for input latch mode);
optionally enables/disables output
FF; separate CE inversion capability
for input and output.
Local Set/Reset
(LSR)
Option to disable; affects input latch/
FF, output FF, and 3-state FF if
enabled.
Global Set/Reset
(GSRN)
Option to enable or disable per PIO
(the input FF, output FF, and
3-state FF) after initial configuration.
Set/Reset Mode The input latch/FF, output FF, and
3-state FF are individually set or
reset by both the LSR and GSRN
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com