Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 111Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 112Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 113Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 114Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 115Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 116Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 117Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 118Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 226 page
background image
Rev. 1.00
11� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
TBCR Register
SFR Address: B2h
Bit
7
6
5
4
3
2
1
0
Name
TBEN
—
TBCK1
TBCK0
—
TBS�
TBS1
TBS0
R/W
R/W
—
R/W
R/W
—
R/W
R/W
R/W
POR
0
—
0
0
—
1
1
1
Bit 7
TBEN: TB Control bit
0: Disable
1: Enable
Bit 6
Unimplemented, read as “0”
Bit 5~4
TBCK1~TBCK0: Select Time Base clock source, fTBC
00: fSYS/4
01: fSYS/128
1x: f32K (f32K is sourced from fLIRC or fLXT)
Bit 3
Unimplemented, read as “0”
Bit 2~0
TBS2~TBS0: Select Time Base Time-out Period
000: 256/fTBC
001: 512/fTBC
010: 1024/fTBC
011: 2048/fTBC
100: 4096/fTBC
101: 8192/fTBC
110: 16384/fTBC
111: 32768/fTBC (default setting)
I2C Interface Interrupt
An I2C Interrupt request will take place when the I2C Interrupt request flag, SI, is set, which occurs
when one of the 25 possible I2C states takes place. To allow the program to branch to its respective
interrupt vector address, the global interrupt enable bit, EAL, and the I2C Interface Interrupt enable
bit, EI2C, must first be set. When the interrupt is enabled, the stack is not full and a byte of data
has been compared match with the I2C states, a subroutine call to the respective Interrupt vector,
will take place. When the I2C Interface Interrupt is serviced, the EAL bit must be cleared by the
application program to disable other interrupts, and the SI flag also must be cleared using the
application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com