Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 119 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 119 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 115Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 116Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 117Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 118Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 119Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 120Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 121Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 122Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 226 page
background image
Rev. 1.00
119 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Register Description
This section provides a description of all the registers associated with I/O setup and control. The
following table gives a summary of all associated I/O registers, which will be described in detail
later.
I/O Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
P0WAKE
P07WU
P06WU
P0�WU
P04WU
P0�WU
P0�WU
P01WU
P00WU
P0
P0.7
P0.6
P0.�
P0.4
P0.�
P0.�
P0.1
P0.0
P0�0
P0�0.7
P0�0.6
P0�0.�
P0�0.4
P0�0.�
P0�0.�
P0�0.1
P0�0.0
P0�1
P0�1.7
P0�1.6
P0�1.�
P0�1.4
P0�1.�
P0�1.�
P0�1.1
P0�1.0
P1
P1.7
P1.6
P1.�
P1.4
P1.�
P1.�
P1.1
P1.0
P1�0
P1�0.7
P1�0.6
P1�0.�
P1�0.4
P1�0.�
P1�0.�
P1�0.1
P1�0.0
P1�1
P1�1.7
P1�1.6
P1�1.�
P1�1.4
P1�1.�
P1�1.�
P1�1.1
P1�1.0
P�
P�.7
P�.6
P�.�
P�.4
P�.�
P�.�
P�.1
P�.0
P��0
P��0.7
P��0.6
P��0.�
P��0.4
P��0.�
P��0.�
P��0.1
P��0.0
P��1
P��1.7
P��1.6
P��1.�
P��1.4
P��1.�
P��1.�
P��1.1
P��1.0
P�
P�.7
P�.6
P�.�
P�.4
P�.�
P�.�
P�.1
P�.0
P��0
P��0.7
P��0.6
P��0.�
P��0.4
P��0.�
P��0.�
P��0.1
P��0.0
P��1
P��1.7
P��1.6
P��1.�
P��1.4
P��1.�
P��1.�
P��1.1
P��1.0
P4
P4.7
P4.6
P4.�
P4.4
P4.�
P4.�
P4.1
P4.0
P�
P�.7
P�.6
P�.�
P�.4
P�.�
P�.�
P�.1
P�.0
SRCR
—
—
SRCR.�
SRCR.4
SRCR.�
SRCR.�
SRCR.1
SRCR.0
Each Port has its own data register, known as P0, P1, P2, P3, P4 and P5 which are used to control
the input and output I/O pin data. These registers read input pin data or write output pin data on the
selected I/O pin. For I/O pins setup as outputs a read operation to these registers will setup either
a high or low level on the corresponding pin. For I/O pins setup as inputs a read operation to these
registers will read the actual logic level on the corresponding pin.
P0 Register
SFR Address: 80h
Bit
7
6
5
4
3
2
1
0
Name
P0.7
P0.6
P0.�
P0.4
P0.�
P0.�
P0.1
P0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
P1 Register
SFR Address: 90h
Bit
7
6
5
4
3
2
1
0
Name
P1.7
P1.6
P1.�
P1.4
P1.�
P1.�
P1.1
P1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com