Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 121 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 121 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 117Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 118Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 119Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 120Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 121Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 122Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 226 page
background image
Rev. 1.00
1�1 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
PnM0/PnM1 Registers – Port Mode Registers
These registers only exist for Ports 0~3. They are used to setup the I/O operating mode of each pin.
As there are four different operating modes for the Port 0~3 pins, each pin has two bits to select
the mode, known as the PnM0 and PnM1 bits. As Ports 4 and 5 only have a single operating mode,
they do not have port mode registers.
Port 0 Mode Control
P0M0 Register
SFR Address: 9Eh
Bit
7
6
5
4
3
2
1
0
Name
P0�0.7
P0�0.6
P0�0.�
P0�0.4
P0�0.�
P0�0.�
P0�0.1
P0�0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
P0M1 Register
SFR Address: 9Fh
Bit
7
6
5
4
3
2
1
0
Name
P0�1.7
P0�1.6
P0�1.�
P0�1.4
P0�1.�
P0�1.�
P0�1.1
P0�1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Port 1 Mode Control
P1M0 Register
SFR Address: A6h
Bit
7
6
5
4
3
2
1
0
Name
P1�0.7
P1�0.6
P1�0.�
P1�0.4
P1�0.�
P1�0.�
P1�0.1
P1�0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
P1M1 Register
SFR Address: A7h
Bit
7
6
5
4
3
2
1
0
Name
P1�1.7
P1�1.6
P1�1.�
P1�1.4
P1�1.�
P1�1.�
P1�1.1
P1�1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com