Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 120Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 121Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 122Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 127Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 226 page
background image
Rev. 1.00
1�4 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
I/O Pin Structures
The accompanying diagrams illustrate the internal structures of some generic I/O pin types. As
the exact logical construction of the I/O pin will differ from these drawings, they are supplied as a
guide only to assist with the functional understanding of the I/O pins.
Quasi-bidirectional I/O – All Ports
This is the traditional 8051 type I/O port type, constructed from an NMOS FET transistor and
three pull high resistors, so called Strong, Weak, Very Weak pull high resistors. This structure can
be used to reduce the power consumption and the output switching state respond time.
A Very Weak pull high resistor will be turned on whenever the I/O port registers, associated with
the I/O pins, contain a high level.
When the I/O port registers has a high level and the corresponding I/O pins stay at high level as
well, the Weak pull high resistor will be turned on. However, if the I/O port registers are high and
the corresponding I/O pins are pulled low by the external devices, then the Weak pull high resistor
will be disabled by hardware. These weak pull-high resistor enable/disable function are dependant
on the voltage level after the I/O pin is connected to the external circuit.
The Strong pull high resistor is used to enhance the output response time. When the output state
changes from low to high, the Strong resistor will be turned on after two system clock delay times.
A Quasi-bidirectional pin also provides a Schmitt Trigger input.
Input
Data
Q
Port Register Data
VCC
Strong
Two System
Clock Delay
VCC
Very Weak
VCC
Weak
Port
Pin
Quasi-bidirectional I/O Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com