Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 127 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 127 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 127Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 128Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 129Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 130Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 131Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 226 page
background image
Rev. 1.00
1�7 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
27 Timer/Event Counters
One of the most fundamental functions in any microcontroller device is the ability to control and
measure time. To implement time related functions each device includes several Timer/Counters.
The Timers are multi-purpose timing units and serve to provide operations such as Timer/Counter,
Input Capture, Compare Match Output and Programmable Clock Output. Each of the Timers has
one individual interrupt. The addition of input and output pins for each Timer ensures that users
are provided with timing units with a wide and flexible range of features.
Timer/Event Counter Summary
The devices contain four Timers, namely Timer 0, Timer 1, Timer 2 and Timer 3. Each individual
Timer is 16-bit wide which are composed of two 8-bit registers, TLn and THn. Timers 0, 1 and 3
have similar structures and similar operating modes. Timer 2 has a different structure and is also
known as a Programmable Counter Array, or PCA for short and has functions such as Compare,
Reload and Capture functions, so called CRC, as well a programmable clock output function. All
timers have a clock divider which provides additional range to the timers.
Various Timer control registers determine how each Timer is operated. The clock sources for the
Timers can come from an internal clock source or from an external timer pin. Note that if the
external timer input function is selected, the respective pin-shared I/O pins should be configured as
input pins.
As Timer 0, 1 and 3 have similar structures they will be described together in their own single
chapter, however as Timer 2 has a very different structure it will be described in a separate chapter.
The main features and differences among the Timers are summarised in the accompanying table.
Timer Function Summary
Function
Timer 0
Timer 1
Timer 2
Timer 3
1�-bit Timer/Counter
√
√
—
√
16-bit Timer/Counter
√
√
—
√
8-bit timer with auto-reload
√
√
—
√
Two 8-bit Timer/Counters
√
—
—
—
16-bit Timer/Counter with auto-reload
—
—
√
—
16-bit Timer/Counter with capture
—
—
√
—
Compare �atch Output
—
—
√
—
Programmable Clock Output
—
—
√
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com