Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 129 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 129 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 127Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 128Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 129Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 130Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 131Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 132Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 133Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 226 page
background image
Rev. 1.00
1�9 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Timer 0/Timer 1/Timer 3 Register Description
Overall operation of the Timer 0, Timer 1 and Timer 3 are controlled using the registers listed in
the accompanying table. A register pair, TLn and THn, exist to store the internal counter 13-bit or
16-bit value. The TCON, IRCON, IEN0, IEN1 registers include the TIMERn interrupt control and
interrupt request flags, which are described in the Interrupt section. The remaining registers are
control registers which setup the different operating and control modes as well as the clock source
control bits.
Timer0/Timer1/Timer3 Register List
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IEN0
EAL
WDT
ET�
ES0
ET1
EX1
ET0
EX0
IEN1
EXEN�
SWDT
ET�
EC�P
EX6
EX�
EX4
EX�
IRCON
EXF�
TF�
IEX6
IEX�
IEX4
IEX�
IEX�
—
T�OD
GATE1
C/T1
T1�1
T1�0
GATE0
C/T0
T0�1
T0�0
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
T�CON
GATE�
C/T�
T��1
T��0
—
—
TF�
TR�
TLn
D7
D6
D�
D4
D�
D�
D1
D0
THn
D1�
D14
D1�
D1�
D11
D10
D9
D8
T�PRE
T�PRE1
T�PRE0
T�PRE1
T�PRE0
T1PRE1
T1PRE0
T0PRE1
T0PRE0
Note: n=0� 1� �
TL0 Register
SFR Address: 8Ah
● 16-bit
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TL0: TIMER0 Counter Low Byte Register bit 7~bit 0
● 13-bit
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
D4
D�
D�
D1
D0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit 7~5
Unimplemented, read as “0”
Bit 4~0
TL0: TIMER0 Counter Low Byte Register bit 4~bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com