Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 133 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 133 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 129Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 130Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 131Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 132Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 133Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 134Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 135Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 136Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 137Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 226 page
background image
Rev. 1.00
1�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Bit 2
C/T0: Timer 0 Counter/Timer selection
0: Timer
1: Counter
Bit 1~0
T0M1, T0M0: Timer 0 mode selection
00: Mode 0 – 13-bit Timer/Counter
01: Mode 1 – 16-bit Timer/Counter
10: Mode 2 – 8-bit Auto Reload Timer/Counter
11: Mode 3 – Two independent 8-bit Timer/Counters
TCON Register
SFR Address: 88h
Bit
7
6
5
4
3
2
1
0
Name
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
TF1: Timer 1 interrupt request flag
0: No request
1: Interrupt request
This bit will be cleared by hardware automatically.
Bit 6
TR1: Timer 1 Run control
0: Stop
1: Run
Bit 5
TF0: Timer 0 interrupt request flag
0: No request
1: Interrupt request
This bit will be cleared by hardware automatically.
Bit 4
TR0: Timer 0 Run control
0: Stop
1: Run
Bit 3
IE1: External interrupt 1 request flag
Described elsewhere
Bit 2
IT1: External interrupt 1 type control
Described elsewhere
Bit 1
IE0: External interrupt 0 request flag
Described elsewhere
Bit 0
IT0: External interrupt 0 type control
Described elsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com