Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 133Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 134Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 135Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 136Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 137Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 138Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 139Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 140Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 226 page
background image
Rev. 1.00
1�7 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Mode 2 – 8-bit Auto-reload Counter/Timer Mode Operation
To select this mode, bits TnM1 and TnM0, should be set to “10” respectively. This function is
implemented by the 8-bit TLn and THn registers. The C/Tn bit is used to select the timer or counter
function. The Counter/Timer Run or Stop is controlled by the TRn bit. If the Counter function is
selected, the TRn and GATEn bits can be used to manage the external INTn input to count edge
transitions or measure pulse widths. The timer/counter clock source is decided by the TnPRE0 and
TnPRE1 registers in the TMPRE register. When the values in the TLn register overflows, the TLn
value will be auto-reloaded with the data in the THn register and an interrupt will take place if the
interrupt is enabled. Note that the value of THn register should be initialised by the application
program. The accompanying block diagram illustrates the 8-bit Auto-Reload Timer/Counter basic
operational blocks.
fSYS
Tn
C/Tn=0
C/Tn=1
TRn
GATEn
INTn
fSYS/4
fSYS
fSYS/6
fSYS/1�
TnPRE[1:0]
TLn Register
THn Register
Auto-reload
Interrupt
TFn flag
�UX
Mode 2 Block Diagram – Timer 0, 1, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com