Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 138 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 138 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 134Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 135Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 136Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 137Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 138Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 139Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 140Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 141Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 142Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 226 page
background image
Rev. 1.00
1�8 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Mode 3 – Two 8-Bit Timers/Counters Mode Operation – Timer 0 Only
To select this mode, bits T0M1 and T0M0, should be set to “11” respectively. This mode is only
available for Timer 0. For Timer 1 and Timer 3, this mode is not available and if selected will stop
the timer function. The two 8-bit Timer/Counter function is implemented by the two individual 8-bit
TL0 and TH0 registers. TL0 can have both Timer and Counter functions while TH0 can only have
a Timer function. The C/T0 bit is used to select the timer or counter function for TL0. The TL0
Run or Stop is controlled by the TR0 bit. If the Counter function is selected, the TR0 and GATE0
bits can be used to manage the external INT0 input to count external edge transitions or to measure
input pulse widths. If the TL0 counter overflows, an interrupt will be generated and the interrupt
request flag, TF0, will be set high. The timer/counter clock source is decided by the T0PRE0 and
T0PRE1 bits in the TMPRE register.
In addition to TL0, the other 8-bit timer, TH0, can use the TR1 bit to enable the Timer. If the TH0
counter overflows, an interrupt will be generated and the interrupt request flag, TF1, will be set
high. The timer clock source is decided by the T0PRE0 and T0PRE1 bits in the TMPRE register.
The following block illustrates the two 8-bit Timer/Counters basic operational blocks.
fSYS
T0
TR0
GATE0
INT0
TL0
TH0
TR1
fSYS/4
fSYS
fSYS/6
fSYS/1�
T0PRE[1:0]
C/T0=0
C/T0=1
�UX
Interrupt TF1 flag
Interrupt TF0 flag
Mode 3 Block Diagram – Timer 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com