Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 118Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 119Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 120Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 121Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 122Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 123Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 124Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 125Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 226 page
background image
Rev. 1.00
1�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Port 2 Mode Control
P2M0 Register
SFR Address: AEh
Bit
7
6
5
4
3
2
1
0
Name
P��0.7
P��0.6
P��0.�
P��0.4
P��0.�
P��0.�
P��0.1
P��0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
P2M1 Register
SFR Address: AFh
Bit
7
6
5
4
3
2
1
0
Name
P��1.7
P��1.6
P��1.�
P��1.4
P��1.�
P��1.�
P��1.1
P��1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Port 3 Mode Control
P3M0 Register
SFR Address: B6h
Bit
7
6
5
4
3
2
1
0
Name
P��0.7
P��0.6
P��0.�
P��0.4
P��0.�
P��0.�
P��0.1
P��0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
P3M1 Register
SFR Address: B7h
Bit
7
6
5
4
3
2
1
0
Name
P��1.7
P��1.6
P��1.�
P��1.4
P��1.�
P��1.�
P��1.1
P��1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
These registers operate as pairs, for example P0M0 and P0M1, to select the operating mode for
each I/O pin. The following table shows how the PnM0 and PnM1 bits are used to select the I/O
operating mode.
PnM0.m
PnM1.m
Configuration of Port n.m
0
0
Quasi-bidirectional
0
1
Push-Pull Output
1
0
Input-Onl� – High Impedance Input
1
1
Open-Drain Output
Legend: n=0~� which selects Port 0 to Port �
m=0~7 which selects the port pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com