Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 112Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 113Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 114Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 115Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 116Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 117Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 118Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 119Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 226 page
background image
Rev. 1.00
116 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
SPI Interface Interrupt
A SPI Interrupt request will take place when one of the SPI Interrupt request flags, SPIF, WCOL,
SSERR or MODF, is set, which occurs when a byte of data has been received or when there is
a write collision or when there is a Serial Slave error or transmitted by the SPI interface or the
Master mode or Slave mode is mismatched with the mode selected input pin level. To allow the
program to branch to its respective interrupt vector address, the global interrupt enable bit, EAL,
and the Serial Interface Interrupt enable bit, ESPI, must first be set. When the interrupt is enabled,
the stack is not full and a byte of data has been transmitted or received by the SPI interface, or the
Mode mismatch, a subroutine call to the respective Interrupt vector, will take place. When the SPI
Interface Interrupt is serviced, the EAL bit must be cleared by the application program to disable
other interrupts, and the SPIF, WCOL, SSERR and MODF flags also must be cleared using the
application program.
UART Interface Interrupt
A UARTn Interrupt request will take place when the UARTn Interrupt request flags, RIn or TIn, is
set, which occurs when a byte of data has been received or transmitted by the UARTn interface. To
allow the program to branch to its respective interrupt vector address, the global interrupt enable
bit, EAL, and the UART Interrupt enable bit, ESn, must first be set. When the interrupt is enabled,
the stack is not full and a byte of data has been transmitted or received by the UARTn interface,
will take place. When the UARTn Interface Interrupt is serviced, the EAL bit must be cleared by
the application program to disable other interrupts, and the RIn or TIn flag also must be cleared
using the application program.
LVD Interrupt
A LVD Interrupt request will take place when the LVD Interrupt request flag, LVDF, is set, which
occurs when the Low Voltage Detector function detects a low power supply voltage. To allow the
program to branch to its respective interrupt vector address, the global interrupt enable bit, EAL,
Low Voltage Interrupt enable bit, ELVD, must first be set. When the interrupt is enabled, the stack
is not full and a low voltage condition occurs, a subroutine call to the Interrupt vector, will take
place. When the Low Voltage Interrupt is serviced, the EAL bit will be automatically cleared to
disable other interrupts and the LVDF flag will be automatically cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com