Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 142Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 143Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 144Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 145Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 146Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 147Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 148Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 149Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 226 page
background image
Rev. 1.00
146 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Capture Modes
Timer 2 has two capture modes, the Capture on Edge Mode, known as Capture Mode 0, and the
Capture on Write Mode, known as Capture Mode 1. The required mode is selected using the
COCAHn and COCALn bits in the CCEN register. The accompanying diagram illustrates the basic
operational blocks.
CCn
CRCH
CRCL
TH�
TL�
I�FR bit
COCAHn
COCALn
11
01
Write to CCLn(CRCL)
Capture �ode 1
Capture �ode 0
Note: 1. n=0~�
�. CC1~CC� capture input b� rising edge
�. CC0 capture input b� rising or falling edge selected b� the I�FR bit
4. Write to CCLn is for CC1~CC� and Write to CRCL is for CC0
Capture Modes Block Diagram
Capture On Edge Mode
To select this mode, bits COCAHn and COCALn in the CCEN register, should be set to “01”
respectively. In this mode, Modules 1~3 will capture the Timer 2 counter on the rising edge of an
external signal applied on the CC1~CC3 pins. Module 0 will capture the Timer 2 counter contents
on a rising or falling edge applied on the CC0 pin. The rising or falling edge trigger is controlled by
the I3FR bit in the T2CON register.
Capture On Write Mode
To select this mode, bits COCAHn and COCALn in the CCEN register, should be set to “11”
respectively. In this mode a Timer 2 Capture is generated by any write operation into the capture
register low byte. The value written to capture register is irrelevant for this function. The Timer 2
contents will be latched into the appropriate capture registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com