Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 143 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 143 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 139Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 140Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 141Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 142Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 143Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 144Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 145Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 146Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 147Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 226 page
background image
Rev. 1.00
14� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Timer 2 Register Description
The Timer 2 value is stored in a register pair, TL2/TH2. Each of the internal PCA modules has
a register pair, known as CRCL/CRCH for Module 0 and CCLn/CCHn for modules 1, 2 and 3.
The T2CON register is related to the interrupt control register which is described in the Interrupt
section. The remaining two registers, CCEN and T2CON1, are control registers which setup the
different operating and control modes. The following table provides a register summary list for
Timer 2.
Timer 2 Register List
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TL�
D7
D6
D�
D4
D�
D�
D1
D0
TH�
D1�
D14
D1�
D1�
D11
D10
D9
D8
CRCL
D7
D6
D�
D4
D�
D�
D1
D0
CRCH
D1�
D14
D1�
D1�
D11
D10
D9
D8
CCLn
D7
D6
D�
D4
D�
D�
D1
D0
CCHn
D1�
D14
D1�
D1�
D11
D10
D9
D8
T�CON
—
I�FR
I�FR
T�R1
T�R0
T�C�
T�I1
T�I0
T�CON1
—
—
—
�CD
T�OI
T�OE
—
—
CCEN
COCAH�
COCAL�
COCAH�
COCAL�
COCAH1
COCAL1
COCAH0
COCAL0
CCEN Register
SFR Address: C1h
Bit
7
6
5
4
3
2
1
0
Name
COCAH�
COCAL�
COCAH�
COCAL�
COCAH1
COCAL1
COCAH0
COCAL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
COCAH3, COCAL3: Compare/Capture mode select for Module 3 CC3 register
00: Disable
01: Capture on rising edge at the CC3 pin
10: Compare mode
11: Capture on write data into register CCL3
Bit 5~4
COCAH2, COCAL2: Compare/Capture mode select for Module 2 CC2 register
00: Disable
01: Capture on rising edge at the CC2 pin
10: Compare mode
11: Capture on write data into register CCL2
Bit 3~2
COCAH1, COCAL1: Compare/Capture mode select for Module 1 CC1 register
00: Disable
01: Capture on rising edge at the CC1 pin
10: Compare mode
11: Capture on write data into register CCL1
Bit 1~0
COCAH0, COCAL0: Compare/Capture mode select for Module 0 CRC register
00: Disable
01: Capture on rising or falling edge at the CC0 pin
10: Compare mode
11: Capture on write data into register CRCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com