Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 140Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 141Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 142Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 143Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 144Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 145Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 146Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 147Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 226 page
background image
Rev. 1.00
144 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
T2CON Register
SFR Address: C8h
Bit
7
6
5
4
3
2
1
0
Name
—
I�FR
I�FR
T�R1
T�R0
T�C�
T�I1
T�I0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
I3FR: Active edge selection for external interrupt “INT3” and PCA module 0
Compare and Capture functions
0: Falling edge
1: Rising edge
This bit is used to select the external interrupt triggered edge for INT3, the PCA Module
0 Compare mode output interrupt triggered edge and the PCA Module 0 Capture mode
input triggered edge. Once the compare mode is enabled, the PCA interrupt will replace
the external interrupt. When Timer 2 is selected as compare mode 0, the I3FR bit is
recommended to be set high by firmware.
Bit 5
I2FR: Active edge selection for external interrupt “INT2”
Described elsewhere
Bit 4~3
T2R1, T2R0: Timer 2 reload mode selection
00: Reload function disabled
01: Reload function disabled
10: Mode 0
11: Mode 1
Bit 2
T2CM: Timer 2 Compare mode selection
0: Mode 0
1: Mode 1
Bit 1~0
T2I1, T2I0: Timer 2 clock source select
00: Timer 2 stopped
01: Internal clock source, decided by the T2PRE1 and T2PRE0 bits in the TMPRE
register
10: External T2 pin falling edge clock source
11: Internal clock source, decided by the T2PRE1 and T2PRE0 bits, gated by the
external T2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com