Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 166 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 166 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 162Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 164Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 165Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 166Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 167Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 168Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 169Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 170Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 226 page
background image
Rev. 1.00
166 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
DAC Operation
The DAL and DAH registers contain the digital value to be converted. The DACEN bit in the
DACTRL register provides overall enable/disable control. When set high, the DAC output pin will
be enabled and the original I/O pin shared function disabled. Clearing this bit to zero will disable
the DAC and reduce any associated power consumption. The DAC attenuation control is provided
by the VOL0~VOL2 bits in the DACTRL register providing an 8-level attenuation control. These
bits rotate the digital DAC value thus providing a divide or multiply by two functions for each shift
left or right. If the DAC circuit is not enabled, any DAH/DAL values will be invalid. The VREFDS
and VREFIS bits select if the DAC reference is to be sourced from VCCA2, VREF pin or the
internal reference voltage. Bits 0~3 of the DAL register are always read as zero.
The accompanying diagram illustrates the DAC basic operational block diagram.
DACEN
DAC
VOL[�:0]
1�-bit D/A
Converter
�UX
VCCA�
VREFDS
Internal Voltage Reference
VREFIS
VREF
Data Bus
Low B�te Buffer
DAL
DAH
Reference Voltage
Attenuation
Control
DAC Basic Operational Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com