Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 164 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 164 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 160Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 161Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 162Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 164Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 165Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 166Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 167Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 168Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 226 page
background image
Rev. 1.00
164 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
31 Digital to Analog Converter – DAC
All devices include a Digital to Analog Converter permitting the conversion of a 12-bit digital
value into an analog voltage. An additional programmable attenuation control function provides
further flexibility over the overall input/output transfer function.
DAC Register Description
A pair of data register, DAL and DAH, store the 12-bit digital value which is to be converted, while
an additional control register, DACTRL, controls the attenuation level, reference voltage select and
enable/disable control.
DAH Register
SFR Address: B5h
Bit
7
6
5
4
3
2
1
0
Name
D11
D10
D9
D8
D7
D6
D�
D4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
0
0
0
0
0
0
0
Bit 7~0
D11~D4: DAC output data bit 11~4
DAL Register
SFR Address: B4h
Bit
7
6
5
4
3
2
1
0
Name
D�
D�
D1
D0
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit 7~4
D3~D0: DAC output data bit 3~0
Bit 3~0
Unimplemented, read as “0”
DACTRL Register
SFR Address: B3h
Bit
7
6
5
4
3
2
1
0
Name
VOL�
VOL1
VOL0
—
—
—
VREFDS
DACEN
R/W
R/W
R/W
R/W
—
—
—
R/W
R/W
POR
0
0
0
—
—
—
0
0
Bit 7~5
VOL2~VOL0: DAC attenuation control
There are 8 levels of DAC attenuation selected using these three bits. The accompanying
table illustrates the relationship between the DAC attenuation control bits and the DAC
data output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com