Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 161 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 161 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 158Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 159Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 160Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 161Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 162Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 164Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 165Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 226 page
background image
Rev. 1.00
161 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Summary of A/D Conversion Steps
The following summarises the individual steps that should be executed in order to implement an
A/D conversion process.
■
Step 1
Select the required A/D conversion clock by correctly programming bits ADCK2~ADCK0 in the
ADCR1 register and select the converted data storage format using the ADRFS bit.
■
Step 2
Enable the A/D by clearing the ADOFF bit in the ADCR0 register to zero and select the PGA
gain using the ADPGA register according to the dynamic range of the analog input signal.
■
Step 3
Select which channel is to be connected to the internal A/D converter by correctly programming
the ACS4~ACS0 bits which are also contained in the ADCR1 and ADCR0 register.
■
Step 4
Select which pins are to be used as A/D inputs and configure them by correctly programming the
ACE7~ACE0 bits in the ADCR2 register.
■
Step 5
If the interrupts are to be used, the interrupt control registers must be correctly configured to
ensure the A/D converter interrupt function is active. The master interrupt control bit, EAL, and
the A/D converter interrupt bit, EADC, must both be set high to do this.
■
Step 6
The analog to digital conversion process can now be initialised by setting the START bit in
the ADCR0 register from low to high and then low again. Note that this bit should have been
originally cleared to zero.
■
Step 7
To check when the analog to digital conversion process is complete, the EOCB bit in the
ADCR0 register can be polled. The conversion process is complete when this bit changes from
high to low. When this occurs the A/D data registers ADRL and ADRH can be read to obtain the
conversion value. As an alternative method, if the interrupts are enabled and the stack is not full,
the program can wait for an A/D interrupt to occur.
Note: When checking for the end of the conversion process, if the method of polling the EOCB bit in
the ADCR0 register is used, the interrupt enable step above can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com