Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 159 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 159 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 155Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 158Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 159Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 160Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 161Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 162Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 226 page
background image
Rev. 1.00
1�9 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
A/D Converter Clock Source
The clock source for the A/D converter, which originates from the system clock fSYS, can be chosen
to be either fSYS or a subdivided version of fSYS. The division ratio value is determined by the
ADCK2~ADCK0 bits in the ADCR1 register.
Although the A/D clock source is determined by the system clock fSYS, and by bits ADCK2~ADCK0,
there are some limitations on the maximum A/D clock source speed that can be selected. As the
minimum value of permissible A/D clock period, tADCK, is 0.5μs, care must be taken for system
clock frequencies equal to or greater than 4MHz. For example, if the system clock operates at a
frequency of 4MHz, the ADCK2~ADCK0 bits should not be set to “000”. Doing so will give A/D
clock periods that are less than the minimum A/D clock period which may result in inaccurate A/D
conversion values. Refer to the following table for examples, where values marked with an asterisk
* show where, depending upon the device, special care must be taken, as the values may be less
than the specified minimum A/D Clock Period.
A/D Clock Period Examples
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
=000
(fSYS)
ADCK2,
ADCK1,
ADCK0
=001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
=010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
=100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
=101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
=111
1�Hz
1μs
2μs
4μs
8μs
16μs
32μs
64μs
Undefined
��Hz
�00ns
1μs
2μs
4μs
8μs
16μs
32μs
Undefined
4�Hz
��0ns*
�00ns
1μs
2μs
4μs
8μs
16μs
Undefined
8�Hz
1��ns*
��0ns*
�00ns
1μs
2μs
4μs
8μs
Undefined
1��Hz
8�ns*
167ns*
���ns*
667ns
1.33μs
2.67μs
5.33μs
Undefined
16�Hz
6�.�ns*
1��ns*
��0ns*
�00ns
1μs
2μs
4μs
Undefined
���Hz
�1.��ns*
6�.�ns*
1��ns*
��0ns*
�00ns
1μs
2μs
Undefined
A/D Input Pins
All of the A/D analog input pins are pin-shared with the I/O pins on Port 4 function. The
ACE7~ACE0 bits in the ADCR2 registers, determine whether the input pins are setup as A/D
converter analog inputs or I/O function. If the ACE7~ACE0 bits for its corresponding pin is set
high then the pin will be setup to be an A/D converter input and the original pin functions disabled.
In this way, pins can be changed under program control to change their function between A/D
inputs and I/O function. All pull-high resistors, which are setup through register programming,
will be automatically disconnected if the pins are setup as A/D inputs. Note that it is not necessary
to first setup the A/D pin as an input in the P4 port control register to enable the A/D input as when
the ACE7~ACE0 bits enable an A/D input, the status of the port control register will be overridden.
The A/D converter has its own reference voltage pin, VREF, however the reference voltage can
also be supplied from the power supply pin or internal voltage reference, a choice which is made
through the VREFAS and VREFIS bits in the ADCR1 register. The analog input values must not
be allowed to exceed the value of VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com