Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 155 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 155 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 151Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 152Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 153Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 154Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 155Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 158Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 159Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 226 page
background image
Rev. 1.00
1�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
ADCR0 Register
SFR Address: F1h
Bit
7
6
5
4
3
2
1
0
Name
START
EOCB
ADOFF
ADRFS
ACS�
ACS�
ACS1
ACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
0
0
0
0
0
Bit 7
START: Starts the A/D conversion
0→1→0: Start
0→1: Reset the A/D converter and set EOCB to “1”
This bit is used to initiate an A/D conversion process. The bit is normally low but if set
high and then cleared low again, the A/D converter will initiate a conversion process.
When the bit is set high the A/D converter will be reset.
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
This read only flag is used to indicate when an A/D conversion process has completed.
When the conversion process is running the bit will be high.
Bit 5
ADOFF : ADC power on/off control bit
0: ADC power on
1: ADC power off
This bit controls the power to the A/D internal function. This bit should be cleared
to zero to enable the A/D converter. If the bit is set high then the A/D converter will
be switched off reducing the device power consumption. As the A/D converter will
consume a limited amount of power, even when not executing a conversion, this may be
an important consideration in power sensitive battery powered applications.
Bit 4
ADRFS: ADC Data Format Control
0: ADC Data MSB is ADRH bit 7, LSB is ADRL bit 4
1: ADC Data MSB is ADRH bit 3, LSB is ADRL bit 0
This bit controls the format of the 12-bit converted A/D value in the two A/D data
registers.
Bit 3~0
ACS3~ACS0: Select A/D channel (when ACS4 is “0”)
0000: AIN.0
0001: AIN.1
0010: AIN.2
0011: AIN.3
0100: AIN.4
0101: AIN.5
0110: AIN.6
0111: AIN.7
1xxx: Undefined, must not be used
These are the A/D channel select control bits. As there is only one internal hardware
A/D converter each of the eight A/D inputs must be routed to the internal converter
using these bits. If bit ACS4 in the ADCR1 register is set high then the internal
temperature sensor will be routed to the A/D Converter and these ADC input channels
disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com