Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 152 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 152 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 148Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 149Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 150Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 151Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 152Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 153Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 154Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 155Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 226 page
background image
Rev. 1.00
1�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Programmable Clock Output Mode
The Programmable Clock Output mode is related to Module 0. With this function, Timer 2 can
generate various clock outputs. This function is enabled by the T2OE bit in the T2CON1 register.
The output initial state is decided by the T2OI bit in the T2CON1 register. The Timer 2 enable
control or clock source is selected by the T2I1 and T2I0 bits in the T2CON register. The clock
source is further decided by the T2PRE1 and T2PRE0 bits in the TMPRE register. The data in
the TL2 and TH2 registers decides the clock duty cycle. If the counter overflows, then the CRCL
and CRCH registers will be auto-reloaded to the TL2 and TH2 registers. There are two ways
to implement a 50% duty cycle clock output on the T2 pin. One method is to input the external
clock for Timer/Counter 2 and the other is to output a 50% duty cycle clock ranging from 61HZ to
4MHz when the system clock is selected as 16MHz. To configure the Timer/Counter 2 as a clock
generator, the T2I1 and T2I0 bits in the T2CON register must be set as 0 and 1 respectively to start
the timer and the T2OE bit in the T2CON1 register must be set as well.
The clock-out frequency depends on the system frequency and the reload value of Timer 2 capture
registers (CRCH, CRCL) as shown in this equation:
Clock Out Frequency
Timer 2 Clock Frequency
2 * (65536 - [CRCH, CRCL])
=
The Timer 2 Clock frequency is dependent on the T2PRE0 and T2PRE1 bits. The accompanying
diagram illustrates the Timer2 Clock output basic operation block diagram.
Prescaler
P1.6/T�
T�OE
fSYS
T�PRE[1:0]
/�
TF�
Interrupt
TH�/TL�
CRCH/CRCL
Timer2 Clock Output Block Diagram
If the Timer 2 Programmable Clock Output Mode is selected, it is essential for the Port 1 control
registers, P1M1 and P1M0, to setup the P1.6 pin as an output. The accompanying diagram
illustrates the Timer2 programmable clock output timing diagram.
Timer � Clock
Timer � Overflow
P1.6/T�
FFFF
FFFF
FFFE
0000
FFFF
FFFE
0000
FFFF
FFFE
0000
FFFE
0000
Timer �
Programmable Clock Output Timing Diagram – Module 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com