Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 153 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 153 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 149Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 150Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 151Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 152Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 153Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 154Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 155Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 226 page
background image
Rev. 1.00
1�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
30 Analog to Digital Converter – ADC
The devices include a multi-channel 12-bit fully integrated Analog to Digital Converter or ADC.
A range of programmable features allow flexible and fast analog to digital conversion for a wide
range of input signals.
A/D Overview
The Analog to Digital Converter contains a range of features which include:
■
Multiplexed Multi-channel Inputs
■
Programmable Gain Amplifier
■
Temperature Sensor Input
■
Internal Voltage Reference Source
■
External Reference Voltage Input
■
Programmable Clock Speed
■
A/D Converter Interrupt
All functions are controlled using dedicated ADC control registers for setup and dynamic control.
The following block diagram shows the overall structure of the converter together with its relative
control bits.
A/D Converter
P4.0/AIN.0
A/D Reference Voltage
ADRL
ADRH
A/D Data
Registers
START
0
1
EOCB
ADRFS
VSS
Internal Voltage Reference
ADCK2~ADCK0
fSYS
ACE7~ACE0
ACS3~ACS0
ADGN2~ADGN0
ACS4
Temperature Sensor
A/D Clock
VCCA3
VREF
ADOFF
MUX
MUX
VREFAS
VREFIS
TSEN
÷2N
(N=0~6)
P4.1/AIN.1
P4.7/AIN.7
PGA
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com