Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 157 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 157 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 153Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 154Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 155Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 158Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 159Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 160Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 161Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 226 page
background image
Rev. 1.00
1�7 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
ADCR2 Register
SFR Address: F3h
Bit
7
6
5
4
3
2
1
0
Name
ACE7
ACE6
ACE�
ACE4
ACE�
ACE�
ACE1
ACE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
ACE7: P4.7 A/D input select
0: Logic I/O
1: A/D input, AIN.7
Bit 6
ACE6: P4.6 A/D input select
0: Logic I/O
1: A/D input, AIN.6
Bit 5
ACE5: P4.5 A/D input select
0: Logic I/O
1: A/D input, AIN.5
Bit 4
ACE4: P4.4 A/D input select
0: Logic I/O
1: A/D input, AIN.4
Bit 3
ACE3: P4.3 A/D input select
0: Logic I/O
1: A/D input, AIN.3
Bit 2
ACE2: P4.2 A/D input select
0: Logic I/O
1: A/D input, AIN.2
Bit 1
ACE1: P4.1 A/D input select
0: Logic I/O
1: A/D input, AIN.1
Bit 0
ACE0: P4.0 A/D input select
0: Logic I/O
1: A/D input, AIN.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com