Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 156 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 156 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 152Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 153Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 154Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 155Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 158Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 159Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 160Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 226 page
background image
Rev. 1.00
1�6 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
ADCR1 Register
SFR Address: F2h
Bit
7
6
5
4
3
2
1
0
Name
ACS4
TSEN
—
VREFAS
VREFIS
ADCK�
ADCK1
ADCK0
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
POR
0
0
—
0
0
0
0
0
Bit 7
ACS4: Internal temperature sensor ADC input control
0: Disable
1: Enable
This bit enables the temperature sensor to the A/D converter. The TSEN bit must first
have been set to enable the temperature sensor circuit. When the ACS4 bit is set high,
the temperature sensor will be routed to the A/D converter and the other A/D input
channels disconnected.
Bit 6
TSEN: Internal temperature sensor control
0: Disable
1: Enable
This bit controls the internal temperature sensor function to the A/D converter. When
the bit is set high the temperature sensor can be used by the A/D converter.
Bit 5
Unimplemented, read as "0"
Bit 4
VREFAS: ADC reference voltage select
0: VCCA3 pin
1: Externally supplied on VREF pin or internal voltage reference generator
This bit is used to select the reference voltage for the A/D converter. If the bit is high
then the A/D converter reference voltage is supplied on the external VREF pin or the
internal reference voltage, the choice being made using the VREFIS bit. If the pin is
low then the internal reference is used which is sourced from the power supply pin
VCCA3.
Bit 3
VREFIS: A/D and DAC reference voltage select
0: Externally supplied on VREF pin
1: Internal Voltage Reference
Bit 2~0
ADCK2~ADCK0: Select ADC clock source
000: fSYS
001: fSYS/2
010: fSYS/4
011: fSYS/8
100: fSYS/16
101: fSYS/32
110: fSYS/64
111: fSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com