Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 160 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 160 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 156Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 157Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 158Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 159Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 160Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 161Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 162Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 164Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 226 page
background image
Rev. 1.00
160 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Temperature Sensor
A temperature sensor circuit is provided to measure the temperature which the designer can use
to adjust some measured parameters. The temperature sensor output voltage is proportional to the
temperature increment and can be amplified by the PGA. The accompanying diagram illustrates the
basic relationship between the measured temperature and the voltage output. However, the designer
should consider that the temperature sensor output voltage might be affected by the manufacturing
process.
The ADC temperature sensor input channel is selected by the ACS4 bit. The TSEN bit in the
ADCR1 register controls the temperature sensor enable/disable function. When the function is
disabled, the temperature sensor defaults to an unknown state and any A/D conversion performed
on the sensor will generate undefined data.
A/D Reference Voltage Source
The A/D can obtain its reference voltage from three different sources, the VCCA3 power supply
pin, an externally supplied reference voltage supplied on pin VREF or from the internal voltage
reference generator. Two bits control which reference source is selected, these are the VREFIS and
VREFAS bits.
A/D Converter Voltage Reference Select
VREFIS
VREFAS
Reference Source
0
0
VCCA� pin
0
1
Externall� supplied on VREF pin
1
0
VCCA� pin
1
1
Internal Voltage Reference Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com