Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 163Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 164Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 165Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 166Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 167Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 168Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 169Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 170Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 171Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 226 page
background image
Rev. 1.00
167 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
DAC Reference Voltage Source
The DAC can obtain its reference voltage from three different sources, the VCCA2 power supply
pin, an externally supplied reference voltage supplied on pin VREF or from the internal voltage
reference generator. Two bits control which reference source is selected, these are the VREFIS and
VREFDS bits.
DAC Converter Voltage Reference Select
VREFIS
VREFDS
Reference Source
0
0
VCCA� pin
0
1
Externall� supplied on VREF pin
1
0
VCCA� pin
1
1
Internal Voltage Reference Generator
Programming Considerations
Note that data written to the two DAC registers must be implemented in a specific way. Any
data written into the DAH register will load both the data into the DAL and DAH registers
simultaneously and influence the DAC output at the same time. However writing data to the DAL
register will only place the data into a low byte buffer and not directly into the DAL register. For
this reason, writing data to the DAL register should be followed by a write instruction to the DAH
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com