Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 2Page - STMicroelectronics STA335W Datasheet HTML 3Page - STMicroelectronics STA335W Datasheet HTML 4Page - STMicroelectronics STA335W Datasheet HTML 5Page - STMicroelectronics STA335W Datasheet HTML 6Page - STMicroelectronics STA335W Datasheet HTML 7Page - STMicroelectronics STA335W Datasheet HTML 8Page - STMicroelectronics STA335W Datasheet HTML 9Page - STMicroelectronics STA335W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Pin connections
STA335W
6/43
11
Power
VCC1
Power positive supply
12
GND
GND1
Power negative supply
13
O
OUT1A
Output half bridge 1A
14
GND
GND_REG
Internal ground reference
15
Power
VDD
Internal 3.3 V reference voltage
16
I
CONFIG
Paralleled mode command
17
O
N.C.
Not to be connected
18
O
N.C.
Not to be connected
19
O
N.C.
Not to be connected
20
I/O
N.C.
Not to be connected
21
Power
VDD_DIG
Digital supply voltage
22
GND
GND_DIG
Digital ground
23
I
PWRDN
Power down (pull-up)
24
Power
VDD_PLL
Positive supply for PLL
25
I
FILTER_PLL
Connection to PLL filter
26
GND
GND_PLL
Negative supply for PLL
27
I
XTI
PLL input clock
28
I
BICKI
I2S serial clock
29
I
LRCKI
I2S left/right clock
30
I
SDI
I2S serial data channels 1 and 2
31
I
RESET
Reset (pull-up)
32
O
INT_LINE
Fault interrupt
33
I/O
SDA
I2C serial data
34
I
SCL
I2C serial clock
35
GND
GND_DIG
Digital ground
36
Power
VDD_DIG
Digital supply voltage
Table 2.
Pin description (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com