Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 20Page - STMicroelectronics STA335W Datasheet HTML 21Page - STMicroelectronics STA335W Datasheet HTML 22Page - STMicroelectronics STA335W Datasheet HTML 23Page - STMicroelectronics STA335W Datasheet HTML 24Page - STMicroelectronics STA335W Datasheet HTML 25Page - STMicroelectronics STA335W Datasheet HTML 26Page - STMicroelectronics STA335W Datasheet HTML 27Page - STMicroelectronics STA335W Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Register description
STA335W
24/43
5.3
Configuration register C (addr 0x02)
5.3.1
FFX power output mode
The FFX power output mode selects how the FFX output timing is configured.
Different power devices use different output modes.
5.3.2
FFX compensating pulse size register
Table 6:
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0
11
111
Table 22.
FFX power output mode
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of FFX output.
1R/W
1
OM1
Table 23.
Output modes
OM[1,0]
Output stage mode
00
Drop compensation
01
Discrete output stage - tapered compensation
10
Full power mode
11
Variable drop compensation (CSZx bits)
Table 24.
FFX compensating pulse size bits
Bit
R/W
RST
Name
Description
2R/W
1
CSZ0
When OM[1,0] = 11, this register determines the size
of the FFX compensating pulse from 0 clock ticks to
15 clock periods.
3R/W
1
CSZ1
4R/W
1
CSZ2
5R/W
0
CSZ3
Table 25.
Compensating pulse size
CSZ[3:0]
Compensating Pulse Size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com