Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 7Page - STMicroelectronics STA335W Datasheet HTML 8Page - STMicroelectronics STA335W Datasheet HTML 9Page - STMicroelectronics STA335W Datasheet HTML 10Page - STMicroelectronics STA335W Datasheet HTML 11Page - STMicroelectronics STA335W Datasheet HTML 12Page - STMicroelectronics STA335W Datasheet HTML 13Page - STMicroelectronics STA335W Datasheet HTML 14Page - STMicroelectronics STA335W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
STA335W
Electrical specifications
11/43
3.6
Power on/off sequence
Figure 3.
Power-on sequence
Note:
clock stable means: fmax - fmin < 1 MHz
Note:
see Chapter 5.2.3: Serial data first bit, for additional info.
Figure 4.
Power-off sequence for pop-free turn-off
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Note: no specific VCC and
VDD_DIG turn
−on sequence
is required
TR = minimum time between XTI master clock stable and Reset removal: 1 msec
TC = minimum time between Reset removal and I2C program, sequence start: 1msec
Don’t care
VCC
VDD_Dig
XTI
Don’t care
Soft Mute
Reg. 0x07
Data 0xFE
Soft EAPD
Reg. 0x05
Bit 7 = 0
Don’t care
FE
Don’t care
Don’t care
Don’t care
VCC
VDD_Dig
XTI
Don’t care
Soft Mute
Reg. 0x07
Data 0xFE
Soft EAPD
Reg. 0x05
Bit 7 = 0
Don’t care
FE
Don’t care
Don’t care
Note: no specific VCC and
VDD_DIG turn
−off sequence
is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com