Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 15Page - STMicroelectronics STA335W Datasheet HTML 16Page - STMicroelectronics STA335W Datasheet HTML 17Page - STMicroelectronics STA335W Datasheet HTML 18Page - STMicroelectronics STA335W Datasheet HTML 19Page - STMicroelectronics STA335W Datasheet HTML 20Page - STMicroelectronics STA335W Datasheet HTML 21Page - STMicroelectronics STA335W Datasheet HTML 22Page - STMicroelectronics STA335W Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
STA335W
Register description
19/43
5.1.2
Interpolation ratio select
The STA335W has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 2-times or 1-time (pass-through) or provides a 2-times downsample. The
oversampling ratio of this interpolation is determined by the IR bits.
5.1.3
Thermal warning recovery bypass
If the thermal warning adjustment is enabled (TWAB = 0), then the thermal warning recovery
determines if the -3 dB output limit is removed when thermal warning is negative.
If TWRB = 0 and TWAB = 0, then when a thermal warning disappears the -3 dB output limit
is removed and the gain is added back to the system. If TWRB = 1 and TWAB = 0, then
when a thermal warning disappears the -3 dB output limit remains until TWRB is changed to
zero or the device is reset.
5.1.4
Thermal warning adjustment bypass
The on-chip STA335W power output block provides feedback to the digital controller using
inputs to the power control block. Input TWARN is used to indicate a thermal warning
Table 12.
Internal interpolation ratio
Bit
R/W
RST
Name
Description
4:3
R/W
00
IR [1:0]
Selects internal interpolation ratio based on input I2S
sample frequency
Table 13.
IR bit settings as a function of input sample rate
Input sample rate fs (kHz)
IR
1st stage interpolation ratio
32
00
2 times oversampling
44.1
00
2 times oversampling
48
00
2 times oversampling
88.2
01
Pass-through
96
01
Pass-through
176.4
10
2 times downsampling
192
10
2 times downsampling
Table 14.
Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5R/W
1
TWRB
0: Thermal warning recovery enabled
1: Thermal warning recovery disabled
Table 15.
Thermal warning adjustment bypass
Bit
R/W
RST
Name
Description
6R/W
1
TWAB
0: Thermal warning adjustment enabled
1: Thermal warning adjustment disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com