Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 34Page - STMicroelectronics STA335W Datasheet HTML 35Page - STMicroelectronics STA335W Datasheet HTML 36Page - STMicroelectronics STA335W Datasheet HTML 37Page - STMicroelectronics STA335W Datasheet HTML 38Page - STMicroelectronics STA335W Datasheet HTML 39Page - STMicroelectronics STA335W Datasheet HTML 40Page - STMicroelectronics STA335W Datasheet HTML 41Page - STMicroelectronics STA335W Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Application
STA335W
38/43
Figure 10.
Output configuration for stereo BTL mode
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com