Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 23Page - STMicroelectronics STA335W Datasheet HTML 24Page - STMicroelectronics STA335W Datasheet HTML 25Page - STMicroelectronics STA335W Datasheet HTML 26Page - STMicroelectronics STA335W Datasheet HTML 27Page - STMicroelectronics STA335W Datasheet HTML 28Page - STMicroelectronics STA335W Datasheet HTML 29Page - STMicroelectronics STA335W Datasheet HTML 30Page - STMicroelectronics STA335W Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
STA335W
Register description
27/43
5.5.5
PWM speed mode
5.5.6
Distortion compensation variable enable
5.5.7
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
5.5.8
Soft volume update enable
5.6
Configuration register F (addr 0x05)
Table 33.
PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0
PWMS
0: Normal speed (384 kHz) all channels
1: Odd speed (341.3 kHz) all channels
Table 34.
Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5R/W
0
DCCV
0: Use preset DC coefficient
1: Use DCC coefficient
Table 35.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: Volume adjustments only occur at digital zero-
crossings
0: Volume adjustments occur immediately
Table 36.
Soft volume update enable
Bit
R/W
RST
Name
Description
7R/W
1
SVE
1: Volume adjustments ramp according to SVR settings
0: Volume adjustments occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
Reserved
Reserved
01
01
11
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com