Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335W Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 31Page - STMicroelectronics STA335W Datasheet HTML 32Page - STMicroelectronics STA335W Datasheet HTML 33Page - STMicroelectronics STA335W Datasheet HTML 34Page - STMicroelectronics STA335W Datasheet HTML 35Page - STMicroelectronics STA335W Datasheet HTML 36Page - STMicroelectronics STA335W Datasheet HTML 37Page - STMicroelectronics STA335W Datasheet HTML 38Page - STMicroelectronics STA335W Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
STA335W
Register description
35/43
5.13.1
Extended Soft Volume configuration registers (addr 0x37 - 0x38)
Soft volume update has a fixed rate by default. Using register 0x37 and 0x38 it is possible to
override the default behavior allowing different volume change rates.
It is also possible to independently define the fade-in (volume is increased) and fade-out
(volume is decreased) rates according to the desired behavior.
When SVUPE = 1 the fade-in rate is defined by the SVUP[4:0] bits according to the
following formula:
Fade-in rate = 48 / (N + 1) dB/ms
where N is the SVUP[4:0] value.
Table 49.
Status register bits
Bit
R/W
RST
Name
Description
7
R
-
PLLUL
0:
PLL locked
1: PLL not locked
6R
-
FAULT
0: fault detected on power bridge
1: normal operation
5R
-
UVFAULT
0: VCCxX internally detected
< undervoltage threshold
4R
-
OVFAULT
0: VCCxX internally detected
> overvoltage threshold
3
R
-
OCFAULT
0: overcurrent fault detected
2
R
-
OCWARN
0: overcurrent warning
1R
-
TFAULT
0: thermal fault, junction temperature over limit
detection
0R
-
TWARN
0: thermal warning, junction temperature is close to
the fault condition
D7
D6
D5
D4
D3
D2
D1
D0
SVUPE
SVUP[4]
SVUP[3]
SVUP[2]
SVUP[1]
SVUP[0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
SVDWE
SVDW4]
SVDW[3]
SVDW[2]
SVDW[1]
SVDW[0]
00
00
00
0
0
SVUPE
Mode
0
When volume is increased, use the default rate
1
When volume is increased, use the rates defined by SVUP[4:0] .
SVDWE
Mode
0
When volume is decreased, use the default rate
1
When volume is decreased, use the rates defined by SVDW[4:0] .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com